Part Number Hot Search : 
DS128406 03515 1N3034C Z5243B N301102 BR1005 A78L05 141031
Product Description
Full Text Search
 

To Download MC20A-R047M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Molded Chip Inductors
Dimensions: Inches (mm)
MC20A
Features
Allied Part Number Inductance Tolerance (h) (%) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR Max. () IDC (mA)
* 1210 Molded Chip Inductor * Excellent Solder Heat Resistance * Welded internal lead frame to coil wire connection Electrical Inductance Range: .01h ~ 470h Tolerance: 10% over entire range Also available in 5% & 20% Test Frequency: .01h ~ .1h measured at 100Mhz, .12h ~ .82h measured at 25.2Mhz, 1h ~ 8.2h measured at 7.96Mhz, 10h ~ 82h measured at 2.52Mhz, 100h ~ 470h measured at .796Mhz, Operating Temp: -25C ~ +85C @ 75% RH IDC: The current at which inductance will drop no more then 10% of it's orginial value at 1Mhz, 1v. L/Q: Test OCS @ 200mv Resistance to Soldering Heat Pre-heating: 150C, 1min Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temperature: 245 5C Immersion Time: 4 1sec
MC20A-R012M-RC MC20A-R012M-RC MC20A-R015M-RC MC20A-R018M-RC MC20A-R022M-RC MC20A-R027M-RC MC20A-R033M-RC MC20A-R039M-RC MC20A-R047M-RC MC20A-R056M-RC MC20A-R068M-RC MC20A-R082M-RC MC20A-R10M-RC MC20A-R12M-RC MC20A-R15M-RC MC20A-R18M-RC MC20A-R22M-RC MC20A-R27M-RC MC20A-R33M-RC MC20A-R39M-RC MC20A-R47M-RC MC20A-R56M-RC MC20A-R68M-RC MC20A-R82M-RC
.010 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
15 17 19 21 23 23 25 25 26 26 27 27 28 30 30 30 30 30 30 30 30 30 30 30
100 100 100 100 100 100 100 100 100 100 100 100 100 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2
2500 2300 2100 1900 1700 1500 1400 1300 1200 1100 1000 900 700 500 450 400 350 320 300 250 220 180 160 140
0.13 0.14 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.40 0.44 0.22 0.25 0.28 0.32 0.36 0.40 0.45 0.50 0.55 0.60 0.65
450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450 450
Additional values continued on page 2 Available in tighter tolerances. All specifications subject to change without notice.
Test Equipment (L/Q): .01h~82h HP4287A + HP16034E (L/Q): 100h~470h HP4292A + HP16034E (RDC): Chen Hwa 502 (IDC): HP4284A + HP42841A/WK3260B (SRF): HP4291A Physical Packaging: 2000 pieces per 7 inch reel. Marking: EIA Inductance Code.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 7/27/09 PAGE 1 OF 2
www.alliedcomponents.com
RoHS
Molded Chip Inductors
Dimensions: Inches (mm)
MC20A
Allied Part Number
Inductance Tolerance (h) (%)
Q Min.
Test Freq. (MHz)
SRF Min. (MHz)
DCR Max. ()
IDC (mA)
Features * 1210 Molded Chip Inductor * Excellent Solder Heat Resistance * Welded internal lead frame to coil wire connection Electrical Inductance Range: .01h ~ 470h Tolerance: 10% over entire range Also available in 5% & 20% Test Frequency: .01h ~ .1h measured at 100Mhz, .12h ~ .82h measured at 25.2Mhz, 1h ~ 8.2h measured at 7.96Mhz, 10h ~ 82h measured at 2.52Mhz, 100h ~ 470h measured at .796Mhz, Operating Temp: -25C ~ +85C @ 75% RH IDC: The current at which inductance will drop no more then 10% of it's orginial value at 1Mhz, 1v. L/Q: Test OCS @ 200mv Resistance to Soldering Heat Pre-heating: 150C, 1min Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temperature: 245 5C Immersion Time: 4 1sec Test Equipment (L/Q): .01h~82h HP4287A + HP16034E (L/Q): 100h~470h HP4292A + HP16034E (RDC): Chen Hwa 502 (IDC): HP4284A + HP42841A/WK3260B (SRF): HP4291A Physical Packaging: 2000 pieces per 7 inch reel. Marking: EIA Inductance Code.
MC20A-1R0M-RC MC20A-1R2M-RC MC20A-1R5M-RC MC20A-1R8M-RC MC20A-2R2M-RC MC20A-2R7M-RC MC20A-3R3M-RC MC20A-3R9M-RC MC20A-4R7M-RC MC20A-5R6M-RC MC20A-6R8M-RC MC20A-8R2M-RC MC20A-100M-RC MC20A-120M-RC MC20A-150M-RC MC20A-180M-RC MC20A-220M-RC MC20A-270M-RC MC20A-330M-RC MC20A-390M-RC MC20A-470M-RC MC20A-560M-RC MC20A-680M-RC MC20A-820M-RC MC20A-101M-RC MC20A-121M-RC MC20A-151M-RC MC20A-181M-RC MC20A-221M-RC MC20A-271M-RC MC20A-331M-RC MC20A-391M-RC MC20A-471M-RC
1 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 20 20 20 20 20 20 20 20 20
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
120 100 85 80 75 70 60 55 50 45 40 35 30 20 20 20 20 20 17 16 15 13 12 11 10 10 8 7 7 6 5 5 4
0.70 0.75 0.85 0.90 1.00 1.10 1.20 1.30 1.50 1.60 1.80 2.00 2.10 2.50 2.80 3.30 3.70 5.00 5.60 6.40 7.00 8.00 9.00 10.0 10.0 11.0 15.0 17.0 21.0 28.0 34.0 42.0 40.0
400 390 370 350 320 290 260 250 220 200 180 170 150 140 130 120 100 80 70 65 60 55 50 45 40 70 65 60 50 45 40 35 25
Available in tighter tolerances. All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 7/27/09 PAGE 2 OF 2
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of MC20A-R047M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X